Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA311B Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 14Page - STMicroelectronics STA311B Datasheet HTML 15Page - STMicroelectronics STA311B Datasheet HTML 16Page - STMicroelectronics STA311B Datasheet HTML 17Page - STMicroelectronics STA311B Datasheet HTML 18Page - STMicroelectronics STA311B Datasheet HTML 19Page - STMicroelectronics STA311B Datasheet HTML 20Page - STMicroelectronics STA311B Datasheet HTML 21Page - STMicroelectronics STA311B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
Serial audio interface
STA311B
18/102
DocID024340 Rev 1
4.2
Serial data formats
Available formats are shown in the following tables.
Note:
Serial input and output formats are specified separately
For example, SAI = 1110 and SAIFB = 1 would specify right-justified 16-bit data, LSB-first.
The table below lists the serial audio input formats supported by the STA311B as related to
BICKI = 32 * fs, 48 * fs, 64 * fs, where the sampling rate, fs = 32, 44.1, 48, 88.2, 96, 176.4,
192 kHz.
Table 9. Serial data bit first
Bit
RW
RST
Name
Description
4
RW
0
SAIFB
Determines MSB or LSB first for all SAO formats:
0: MSB first
1: LSB first
Table 10. Serial audio input formats according to sampling rate
BICKI
SAI [3:0]
SAIFB
Interface format
32 * fs
1100
X
I²SI²S 15-bit data
1110
X
Left/right-justified 16-bit data
48 * fs
0100
X
I²S 23-bit data
0100
X
I²S 20-bit data
1000
X
I²S 18-bit data
0100
0
MSB-first I²S 16-bit data
1100
1
LSB-first I²S 16-bit data
0001
X
Left-justified 24-bit data
0101
X
Left-justified 20-bit data
1001
X
Left-justified 18-bit data
1101
X
Left-justified 16-bit data
0010
X
Right-justified 24-bit data
0110
X
Right-justified 20-bit data
1010
X
Right-justified 18-bit data
1110
X
Right-justified 16-bit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More