Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA311B Fiches technique(PDF) 95 Page - STMicroelectronics

No de pièce STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Fiches technique(HTML) 95 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 91Page - STMicroelectronics STA311B Datasheet HTML 92Page - STMicroelectronics STA311B Datasheet HTML 93Page - STMicroelectronics STA311B Datasheet HTML 94Page - STMicroelectronics STA311B Datasheet HTML 95Page - STMicroelectronics STA311B Datasheet HTML 96Page - STMicroelectronics STA311B Datasheet HTML 97Page - STMicroelectronics STA311B Datasheet HTML 98Page - STMicroelectronics STA311B Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 102 page
background image
DocID024340 Rev 1
95/102
STA311B
Configuration registers (0x77; 0x78; 0x79)
102
rmsZMx
rmsZMH
rmsZML
rmsPOx
D7
D6
D5
D4
D3
D2
D1
D0
RZM15
RZM14
RZM13
RZM12
RZM11
RZM10
RZM9
RZM8
00
000
00
0
RZM7
RZM6
RZM5
RZM4
RZM3
RZM2
RZM1
RZM0
00
000
00
0
Bit
RW
RST
Name
Description
7R
RZM15
RMS zero-detect level register, H
6R
RZM14
5R
RZM13
4R
RZM12
3R
RZM11
2R
RZM10
1R
RZM9
0R
RZM8
Bit
RW
RST
Name
Description
7R
RZM7
RMS zero detect level register, L
6R
RZM6
5R
RZM5
4R
RZM4
3R
RZM3
2R
RZM2
1R
RZM1
0R
RZM0
D7
D6
D5
D4
D3
D2
D1
D0
RPO15
RPO14
RPO13
RPO12
RPO11
RPO10
RPO9
RPO8
00
000
00
0
RPO7
RPO6
RPO5
RPO4
RPO3
RPO2
RPO1
RPO0
00
000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More