Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA311B Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 5Page - STMicroelectronics STA311B Datasheet HTML 6Page - STMicroelectronics STA311B Datasheet HTML 7Page - STMicroelectronics STA311B Datasheet HTML 8Page - STMicroelectronics STA311B Datasheet HTML 9Page - STMicroelectronics STA311B Datasheet HTML 10Page - STMicroelectronics STA311B Datasheet HTML 11Page - STMicroelectronics STA311B Datasheet HTML 12Page - STMicroelectronics STA311B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
DocID024340 Rev 1
9/102
STA311B
Description
102
1
Description
The STA311B is a single-chip solution for digital audio processing and control in
multichannel applications and provides output capabilities for FFX™ (full flexible
amplification). In conjunction with an FFX™ power device, it provides high-quality, high-
efficiency, all digital amplification. The device is extremely versatile, allowing for input of
most digital formats including 6.1/7.1-channel and 192 kHz, 24-bit DVD-audio, DSD/SACD.
In the 5.1 application the additional 2 channels can be used for audio line-out or headphone
drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More