Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 198 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 198 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 194Page - Microchip Technology PIC18F4331 Datasheet HTML 195Page - Microchip Technology PIC18F4331 Datasheet HTML 196Page - Microchip Technology PIC18F4331 Datasheet HTML 197Page - Microchip Technology PIC18F4331 Datasheet HTML 198Page - Microchip Technology PIC18F4331 Datasheet HTML 199Page - Microchip Technology PIC18F4331 Datasheet HTML 200Page - Microchip Technology PIC18F4331 Datasheet HTML 201Page - Microchip Technology PIC18F4331 Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 196
Preliminary
 2003 Microchip Technology Inc.
17.6.2
DUTY CYCLE REGISTER BUFFERS
The
four
PWM
Duty
Cycle
registers
are
double-buffered to allow glitchless updates of the PWM
outputs. For each duty cycle block, there is a Duty
Cycle Buffer register that is accessible by the user and
a second Duty Cycle register that holds the actual
compare value used in the present PWM period.
In edge-aligned PWM Output mode, a new duty cycle
value will be updated whenever a PTMR match with the
PTPER register occurs and PTMR is reset as shown in
Figure 17-12. Also, the contents of the duty cycle
buffers are automatically loaded into the Duty Cycle
registers when the PWM time base is disabled
(PTEN = 0).
When the PWM time base is in the Up/Down Counting
mode, new duty cycle values will be updated when the
value of the PTMR register is zero and the PWM time
base begins to count upwards. The contents of the duty
cycle buffers are automatically loaded into the Duty
Cycle registers when the PWM time base is disabled
(PTEN = 0). Figure 17-13 shows the timings when the
duty cycle update occur for the Up/Down Count mode.
In this mode, up to one entire PWM period is available
for calculating and loading the new PWM duty cycle
before changes take effect.
When the PWM time base is in the Up/Down Counting
mode with double updates, new duty cycle values will
be updated when the value of the PTMR register is zero
and when the value of the PTMR register matches the
value in the PTPER register. The contents of the duty
cycle buffers are automatically loaded into the Duty
Cycle registers during both of the above said
conditions. Figure 17-14 shows the duty cycle updates
for Up/Down mode with double update. In this mode,
only up to half of a PWM period is available for
calculating and loading the new PWM duty cycle before
changes take effect.
17.6.3
EDGE-ALIGNED PWM
Edge-aligned PWM signals are produced by the
module when the PWM time base is in the Free
Running
mode
or
the
Single-shot
mode.
For
edge-aligned PWM outputs, the output for a given
PWM channel has a period specified by the value
loaded in PTPER and a duty cycle specified by the
appropriate Duty Cycle register (see Figure 17-12).
The PWM output is driven active at the beginning of the
period (PTMR = 0) and is driven inactive when the
value in the Duty Cycle register matches PTMR. A new
cycle is started when PTMR matches the PTPER as
explained in the PWM period section.
If the value in a particular Duty Cycle register is zero,
then the output on the corresponding PWM pin will be
inactive for the entire PWM period. In addition, the out-
put on the PWM pin will be active for the entire PWM
period if the value in the Duty Cycle register is greater
than the value held in the PTPER register.
FIGURE 17-12:
EDGE-ALIGNED PWM
FIGURE 17-13:
DUTY CYCLE UPDATE TIMES IN UP/DOWN COUNTING MODE
Period
Duty Cycle
0
PTPER
PTMR
Value
New Duty Cycle Latched
Active at
of period
beginning
PDC
PDC
(new)
(old)
PTMR Value
PWM output
Duty cycle value loaded from buffer register
New value written to duty cycle buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com