Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 170 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 170 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 166Page - Microchip Technology PIC18F4331 Datasheet HTML 167Page - Microchip Technology PIC18F4331 Datasheet HTML 168Page - Microchip Technology PIC18F4331 Datasheet HTML 169Page - Microchip Technology PIC18F4331 Datasheet HTML 170Page - Microchip Technology PIC18F4331 Datasheet HTML 171Page - Microchip Technology PIC18F4331 Datasheet HTML 172Page - Microchip Technology PIC18F4331 Datasheet HTML 173Page - Microchip Technology PIC18F4331 Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 168
Preliminary
 2003 Microchip Technology Inc.
FIGURE 16-7:
CAPXIF INTERRUPTS AND IC1 SPECIAL EVENT TRIGGER
16.1.8
SPECIAL EVENT TRIGGER (CAP1
ONLY)
The
Special
Event
Trigger
mode
of
IC1
(CAP1M3:CAP1M0 = 1110 or 1111) enables the
Special Event Trigger signal. The trigger signal can be
used as the Special Event Reset input to TMR5,
resetting the timer when the specific event happens on
IC1. The events are summarized in Table 16-2.
TABLE 16-2:
SPECIAL EVENT TRIGGER
16.1.9
OPERATING MODES SUMMARY
Table 16-3 shows a summary of the input capture con-
figuration when used in conjunction with TMR5 timer
resource.
16.1.10
OTHER OPERATING MODES
Although the IC and QEI submodules are mutually
exclusive, the IC can be reconfigured to work with the
QEI module to perform specific functions. In effect, the
QEI “borrows” hardware from the IC to perform these
operations.
For velocity measurement, the QEI uses dedicated
hardware in channel IC1. The CAP1BUF registers are
remapped, becoming the VREG registers. Its operation
and use are described in Section 16.2.6 “Velocity
Measurement”.
While in QEI mode, the CAP2BUF and CAP3BUF reg-
isters of channel IC2 and IC3 are used for position
determination. They are remapped as the POSCNT
and MAXCNT buffer registers, respectively.
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
OSC
CAP1 pin
IC1IF
TMR5
TMR5 Reset
XXXX
0000
0001
TMR5ON(1)
Note 1:
Timer5 is only reset and enabled (assuming: TMR5ON = 0 and TMR5MOD = 1) when the Special Event Reset Trigger
is enabled for the Timer5 Reset input. TMR5ON bit is asserted and Timer5 is reset on the Q1 rising edge following the
event capture. With the Special Event Reset Trigger disabled, Timer5 cannot be reset by the Special Event Reset
Trigger on CAP1 input. In order for the Special Event Reset Trigger to work as the Reset trigger to Timer5, IC1 must be
configured in the Special Event Trigger mode (CAP1M<3:0> = 1110 or 1111).
CAP1M3:
CAP1M0
Description
1110
The trigger occurs on every falling
edge on CAP1 input
1111
The trigger occurs on every rising
edge on CAP1 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com