Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 167 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 167 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 163Page - Microchip Technology PIC18F4331 Datasheet HTML 164Page - Microchip Technology PIC18F4331 Datasheet HTML 165Page - Microchip Technology PIC18F4331 Datasheet HTML 166Page - Microchip Technology PIC18F4331 Datasheet HTML 167Page - Microchip Technology PIC18F4331 Datasheet HTML 168Page - Microchip Technology PIC18F4331 Datasheet HTML 169Page - Microchip Technology PIC18F4331 Datasheet HTML 170Page - Microchip Technology PIC18F4331 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 165
PIC18F2331/2431/4331/4431
16.1.2
PERIOD MEASUREMENT MODE
The Period Measurement mode is selected by setting
CAPxM3:CAPxM0 = 0101. In this mode, the value of
Timer5 is latched into the CAPxBUF register on the ris-
ing edge of the input capture trigger and Timer5 is sub-
sequently
reset
to
0000h
(optional
by
setting
CAPxREN = 1) on the next TCY (see capture and reset
relationship in Figure 16-4).
16.1.3
PULSE WIDTH MEASUREMENT
MODE
The Pulse Width Measurement mode can be config-
ured for two different edge sequences, such that the
pulse width is based on either the falling to rising edge
of the CAPx input pin (CAPxM3:CAPxM0 = 0110), or
on the rising to falling edge (CAPxM3:CAPxM0 =
0111
).
Timer5 is always reset on the edge when the
measurement is first initiated. For example, when the
measurement is based on the falling to rising edge,
Timer5 is first reset on the falling edge and the timer
value is captured on the rising edge thereafter. Upon
entry into the Pulse Width Measurement mode, the
very first edge detected on the CAPx pin is always
captured. The TMR5 value is reset on the first active
edge (see Figure 16-5).
FIGURE 16-5:
PULSE WIDTH MEASUREMENT MODE TIMING
CAP1 pin(2)
0000
0002
0000
0001
0002
TMR5(1)
CAP1BUF(3)
0002
0014
0013
0012
0015
0015
0001
TMR5 reset(4,5)
MOVWF CAP1CON
Instruction
0001
Note 1:
TMR5 is a synchronous time base input to the Input Capture, prescaler = 1:1. It increments on every Q1 rising edge.
2:
IC1 is configured in Pulse Width Measurement mode (CAP1M3:CAP1M0 = 0111, rising to falling pulse width measure-
ment). No noise filter on CAP1 input is used. MOVWF instruction loads CAP1CON when W = 0111.
3:
TMR5 value is latched by CAP1BUF on TCY rising edge. In the event that a write to TMR5 coincides with an input cap-
ture event, the write will always take precedence. All input capture buffers, CAP1BUF, CAP2BUF and CAP3BUF, are
updated with the incremented value of the time base on the next TCY clock edge when the capture event takes place
(see Note 4 when Reset occurs).
4:
TMR5 Reset is normally an asynchronous Reset signal to TMR5. When used in Pulse Width Measurement mode, it is
always present on the edge that first initiates the pulse width measurement (i.e., when configured in the rising to falling
Pulse Width Measurement mode, it is active on each rising edge detected. In the falling to rising Pulse Width Measure-
ment mode, it is active on each falling edge detected.
5:
TMR5 Reset pulse is activated on the capture edge. CAP1REN bit has no bearing in this mode.
Execution(2)
Q1Q2Q3 Q4 Q1Q2Q3 Q4 Q1Q2 Q3 Q4 Q1Q2Q3 Q4 Q1Q2Q3 Q4 Q1Q2Q3 Q4 Q1Q2Q3 Q4 Q1Q2Q3 Q4 Q1Q2 Q3 Q4 Q1Q2Q3 Q4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com