Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 174 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 174 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 170Page - Microchip Technology PIC18F4331 Datasheet HTML 171Page - Microchip Technology PIC18F4331 Datasheet HTML 172Page - Microchip Technology PIC18F4331 Datasheet HTML 173Page - Microchip Technology PIC18F4331 Datasheet HTML 174Page - Microchip Technology PIC18F4331 Datasheet HTML 175Page - Microchip Technology PIC18F4331 Datasheet HTML 176Page - Microchip Technology PIC18F4331 Datasheet HTML 177Page - Microchip Technology PIC18F4331 Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 172
Preliminary
 2003 Microchip Technology Inc.
16.2.2
QEI MODES
Position measurement resolution depends on how
often the Position Counter register, POSCNT, is
incremented. There are two QEI update modes to
measure the rotor’s position: QEI x2 and QEI x4.
TABLE 16-4:
QEI MODES
16.2.2.1
QEI x2 Update Mode
QEI x2 Update mode is selected by setting the QEI
Mode Select bits (QEIM2:QEIM0) to ‘001’ or ‘010’. In
this mode, the QEI logic detects every edge on the
QEA input only. Every rising and falling edge on the
QEA signal clocks the position counter.
The position counter can be reset by either an input on
the INDX pin (QEIM2:QEIM0 = 001), or by a
period-match, even when the POSCNT register pair
equals MAXCNT (QEIM2:QEIM0 = 010).
16.2.2.2
QEI 4x Update Mode
QEI x4 Update mode provides for a finer resolution of
the rotor position, since the counter increments or
decrements more frequently for each QEA/QEB input
pulse pair than in QEI x2 mode. This mode is selected
by setting the QEI Mode Select bits to 101 or 110. In
QEI x4, the phase measurement is made on the rising
and the falling edges of both QEA and QEB inputs. The
position counter is clocked on every QEA and QEB
edge.
Like QEI x2 mode, the position counter can be reset by
an input on the pin (QEIM2:QEIM0 = 101), or by the
period-match event (QEIM2:QEIM0 = 010).
16.2.3
QEI OPERATION
The
Position
Counter
register
pair
(POSCNTH:
POSCNTL) acts as an integrator, whose value is pro-
portional to the position of the sensor rotor that corre-
sponds to the number of active edges detected.
POSCNT can either increment or decrement, depend-
ing on a number of selectable factors which are
decoded by the QEI logic block. These include the
Count mode selected, the phase relationship of QEA to
QEB (“lead/lag”), the direction of rotation, and if a reset
event occurs. The logic is detailed in the sections that
follow.
16.2.3.1
Edge and Phase Detect
In the first step, the active edges of QEA and QEB are
detected, and the phase relationship between them is
determined. The position counter is changed based on
the selected QEI mode.
In QEI x2 Update mode, the position counter incre-
ments or decrements on every QEA edge based on the
phase relationship of the QEA and QEB signals.
In QEI x4 Update mode, the position counter
increments or decrements on every QEA and QEB
edge based on the phase relationship of the QEA and
QEB signals. For example, if QEA leads QEB, the
position counter is incremented by 1. If QEB lags QEA,
the position counter is decremented by 1.
16.2.3.2
Direction of Count
The QEI control logic generates a signal that sets
the UP/DOWN bit (QEICON<5>); this in turn
determines the direction of the count. When QEA
leads QEB, UP/DOWN is set (= 1), and the position
counter increments on every active edge. When
QEA lags QEB, UP/DOWN is cleared, and the
position counter decrements on every active edge.
TABLE 16-5:
DIRECTION OF ROTATION
QEIM2:
QEIM0
Mode/
Reset
Description
000
—
QEI disabled(1)
001
x2 update/
index pulse
Two clocks per QEA pulse.
INDX resets POSCNT.
010
x2 update/
period
match
Two clocks per QEA pulse.
POSCNT reset by the period
match (MAXCNT).
011
—
unused
100
—
unused
101
x4 update/
index
Four clocks per QEA and
QEB pulse pair.
INDX resets POSCNT.
110
x4 update/
period
match
Four clocks per QEA and
QEB pulse pair.
POSCNT reset by the period
match (MAXCNT).
111
—
unused
Note 1:
QEI module is disabled. The position
counter and the velocity measurement
functions are fully disabled in this mode.
Current
Signal
Detected
Previous Signal
Detected
Pos.
Cntrl.(1)
Rising
Falling
QEA QEB QEA QEB
QEA rising
x
INC
xDEC
QEA falling
x
DEC
xINC
QEB rising
x
INC
xDEC
QEB falling
x
INC
xDEC
Note 1:
When UP/DOWN = 1, the position
counter is incremented; when UP/DOWN
= 0, the position counter is decremented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com