Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 173 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 173 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 169Page - Microchip Technology PIC18F4331 Datasheet HTML 170Page - Microchip Technology PIC18F4331 Datasheet HTML 171Page - Microchip Technology PIC18F4331 Datasheet HTML 172Page - Microchip Technology PIC18F4331 Datasheet HTML 173Page - Microchip Technology PIC18F4331 Datasheet HTML 174Page - Microchip Technology PIC18F4331 Datasheet HTML 175Page - Microchip Technology PIC18F4331 Datasheet HTML 176Page - Microchip Technology PIC18F4331 Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 171
PIC18F2331/2431/4331/4431
16.2.1
QEI CONFIGURATION
The QEI module shares its input pins with the Input
Capture module. The inputs are mutually exclusive;
only the IC module or the QEI module (but not both)
can be enabled at one time. Also, because the IC and
QEI are multiplexed to the same input pins, the
programmable noise filters can be dedicated to one
module only.
The operation of the QEI is controlled by the QEICON
configuration register. See Register 16-2.
REGISTER 16-2:
QEICON: QUADRATURE ENCODER INTERFACE CONTROL REGISTER
Note:
In the event that both QEI and IC are
enabled, QEI will take precedence and IC
will remain disabled.
R/W-0
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VELM
ERROR
UP/DOWN
QEIM2
QEIM1
QEIM0
PDEC1
PDEC0
bit 7
bit 0
bit 7
VELM: Velocity Mode bit
1
= Velocity mode disabled
0
= Velocity mode enabled
bit 6
ERROR: QEI error bit(1)
1
= Position counter(4) overflow or underflow
0
= No overflow or underflow
bit 5
UP/DOWN: Direction of Rotation Status bit(1)
1
=Forward
0
= Reverse
bit 4-2
QEIM2:QEIM0: QEI Mode bits(2,3)
111
=Unused
110
=QEI enabled in 4x Update mode; position counter reset on period match
(POSCNT = MAXCNT)
101
=QEI enabled in 4x Update mode; INDX resets the position counter
100
=Unused
010
=QEI enabled in 2x Update mode; position counter reset on period match
(POSCNT = MAXCNT)
001
=QEI enabled in 2x Update mode; INDX resets the position counter
000
=QEI off
bit 1-0
PDEC1:PDEC0: Velocity Pulse Reduction Ratio bit
11
=1:64
10
=1:16
01
=1:4
00
=1:1
Note 1: QEI must be enabled and in Index mode.
2: QEI mode select must be cleared (= 000) to enable CAP1, CAP2 or CAP3 inputs. If QEI and
IC modules are both enabled, QEI will take precedence.
3: Enabling one of the QEI operating modes remaps the IC buffer registers CAP1BUFH,
CAP1BUFL, CAP2BUFH, CAP2BUFL, CAP3BUFH and CAP3BUFL as the VREGH,
VREGL, POSCNTH, POSCNTL, MAXCNTH, and MAXCNTL registers (respectively) for the
QEI.
4: ERROR bit must be cleared in software.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com