Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 130 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 130 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 126Page - Microchip Technology PIC18F4331 Datasheet HTML 127Page - Microchip Technology PIC18F4331 Datasheet HTML 128Page - Microchip Technology PIC18F4331 Datasheet HTML 129Page - Microchip Technology PIC18F4331 Datasheet HTML 130Page - Microchip Technology PIC18F4331 Datasheet HTML 131Page - Microchip Technology PIC18F4331 Datasheet HTML 132Page - Microchip Technology PIC18F4331 Datasheet HTML 133Page - Microchip Technology PIC18F4331 Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 128
Preliminary
 2003 Microchip Technology Inc.
TABLE 10-7:
PORTD FUNCTIONS
TABLE 10-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit #
Buffer Type
Function
RD0/T0CKI/T5CKI
bit 0
ST
Input/output port pin.
RD1/SDO
bit 1
ST
Input/output port pin.
RD2/SDI/SDA
bit 2
ST
Input/output port pin.
RD3/SCK/SCL
bit 3
ST
Input/output port pin.
RD4/FLTA
bit 4
ST
Input/output port pin.
RD5/PWM4
bit 5
ST
Input/output port pin, or PCPWM output PWM4.
RD6/PWM6
bit 6
ST
Input/output port pin, or PCPWM output PWM6.
RD7/PWM7
bit 7
ST
Input/output port pin, or PCPWM output PWM7.
Legend: ST = Schmitt Trigger input, TTL = TTL input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
uuuu uuuu
LATD
LATD Data Output Register
xxxx xxxx
uuuu uuuu
TRISD
PORTD Data Direction Register
1111 1111
1111 1111
Legend:
x
= unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used by PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com