Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 128 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 128 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 124Page - Microchip Technology PIC18F4331 Datasheet HTML 125Page - Microchip Technology PIC18F4331 Datasheet HTML 126Page - Microchip Technology PIC18F4331 Datasheet HTML 127Page - Microchip Technology PIC18F4331 Datasheet HTML 128Page - Microchip Technology PIC18F4331 Datasheet HTML 129Page - Microchip Technology PIC18F4331 Datasheet HTML 130Page - Microchip Technology PIC18F4331 Datasheet HTML 131Page - Microchip Technology PIC18F4331 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 126
Preliminary
 2003 Microchip Technology Inc.
FIGURE 10-24:
BLOCK DIAGRAM OF RD3
FIGURE 10-25:
BLOCK DIAGRAM OF RD2
PORT/ SSPEN & SSPMX Select
Data Bus
WR LATD
WR TRISD
Data Latch
TRIS Latch
RD TRISD
Q
D
Q
CK
QD
EN
SCK/SCL Data Out
0
1
Q
D
Q
CK
P
N
VDD
VSS
RD PORTC
RD3 Pin
or
PORTD
RD LATD
Schmitt
Trigger
Note 1:
SCK/SCL are multiplexed on RD3 and RC5 using SSPMX bit in the configuration register.
SCK or SCL input
SSPMX
(1)
I2C™ Mode
PORT/SSP Mode & SSPMX Select
Data Bus
WR LATC
WR TRISC
Data Latch
TRIS Latch
RD TRISC
Q
D
Q
CK
QD
EN
SDA Data Out
0
1
Q
D
Q
CK
P
N
VDD
VSS
RD PORTC
SDA Drive
SDI/SDA Input
RD2Pin
or
PORTC
RD LATC
Schmitt
Trigger
Note 1:
The SDI/SDA bits are multiplexed on RD2 and RC4 pins by SSPMX bit in the configuration register.
SSPMX(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com