Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 126 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 126 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 122Page - Microchip Technology PIC18F4331 Datasheet HTML 123Page - Microchip Technology PIC18F4331 Datasheet HTML 124Page - Microchip Technology PIC18F4331 Datasheet HTML 125Page - Microchip Technology PIC18F4331 Datasheet HTML 126Page - Microchip Technology PIC18F4331 Datasheet HTML 127Page - Microchip Technology PIC18F4331 Datasheet HTML 128Page - Microchip Technology PIC18F4331 Datasheet HTML 129Page - Microchip Technology PIC18F4331 Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 124
Preliminary
 2003 Microchip Technology Inc.
10.4
PORTD, TRISD and LATD
Registers
PORTD is an 8-bit wide, bidirectional port. The
corresponding Data Direction register is TRISD.
Setting a TRISD bit (= 1) will make the corresponding
PORTD pin an input (i.e., put the corresponding output
driver in a High-Impedance mode). Clearing a TRISD
bit (= 0) will make the corresponding PORTD pin an
output (i.e., put the contents of the output latch on the
selected pin).
The Data Latch register (LATD) is also memory
mapped. Read-modify-write operations on the LATD
register read and write the latched output value for
PORTD.
All pins on PORTD are implemented with Schmitt
Trigger
input
buffers.
Each
pin
is
individually
configurable as an input or output.
PORTD includes PWM<7:6> complementary fourth
channel PWM outputs. PWM4 is the complementary
output of PWM5 (the third channel), which is multi-
plexed with the RB5 pin. This output can be used as the
alternate output using the PWM4MX configuration bit in
CONFIG3L when the low-voltage programming pin
(PGM) is used on RB5.
RD1, RD2 and RD3 can be used as the alternate out-
put for SDO, SDI/SDA and SCK/SCL using the SSPMX
configuration bit in CONFIG3L.
RD4 an be used as the alternate output for FLTA using
the FLTAMX configuration bit in CONFIG3L.
EXAMPLE 10-4:
INITIALIZING PORTD
FIGURE 10-21:
BLOCK DIAGRAM OF RD7:RD6 PINS
Note:
PORTD is only available on PIC18F4X31
devices.
Note:
On a Power-on Reset, these pins are
configured as digital inputs.
CLRF
PORTD
; Initialize PORTD by
; clearing output
; data latches
CLRF
LATD
; Alternate method
; to clear output
; data latches
MOVLW
0xCF
; Value used to
; initialize data
; direction
MOVWF
TRISD
; Set RD<3:0> as inputs
; RD<5:4> as outputs
; RD<7:6> as inputs
Data Bus
WR LATD
WR TRISD
Data Latch
TRIS Latch
RD TRISD
Q
D
Q
CK
QD
EN
Q
D
Q
CK
P
N
VDD
VSS
RD PORTD
RD[7:6] Pin
or
PORTD
RD LATD
Schmitt
Trigger
PORT/PWM Select
0
1
PWM6,7 Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com