Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 134 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 134 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 130Page - Microchip Technology PIC18F4331 Datasheet HTML 131Page - Microchip Technology PIC18F4331 Datasheet HTML 132Page - Microchip Technology PIC18F4331 Datasheet HTML 133Page - Microchip Technology PIC18F4331 Datasheet HTML 134Page - Microchip Technology PIC18F4331 Datasheet HTML 135Page - Microchip Technology PIC18F4331 Datasheet HTML 136Page - Microchip Technology PIC18F4331 Datasheet HTML 137Page - Microchip Technology PIC18F4331 Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 132
Preliminary
 2003 Microchip Technology Inc.
TABLE 10-9:
PORTE FUNCTIONS
TABLE 10-10: SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Name
Bit #
Buffer Type
Function
RE0/AN6
bit 0
ST
Input/output port pin, analog input.
RE1/AN7
bit 1
ST
Input/output port pin, analog input.
RE2/AN8
bit 2
ST
Input/output port pin, analog input.
MCLR/VPP/RE3
bit 3
ST
Input only port pin or programming voltage input (if MCLR is disabled);
Master Clear input or programming voltage input (if MCLR is
enabled).
Legend: ST = Schmitt Trigger input, TTL = TTL input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTE
—
—
—
—RE3(1)
RE2
RE1
RE0
---- q000
---- q000
LATE
—
—
—
—
—
LATE Data Output Register
---- -xxx
---- -uuu
TRISE
—
—
—
—
—
PORTE Data Direction bits
---- -111
---- -111
ANSEL0
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
ANSEL1
ANS15
ANS14
ANS13
ANS12
ANS11
ANS10
ANS9
ANS8
---- ---0
---- ---0
Legend:
x
= unknown, u = unchanged, – = unimplemented, read as ‘0’, q = value depends on condition.
Shaded cells are not used by PORTE.
Note
1: Implemented only when Master Clear functionality is disabled (CONFIG3H<7> = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com