Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 125 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 125 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 121Page - Microchip Technology PIC18F4331 Datasheet HTML 122Page - Microchip Technology PIC18F4331 Datasheet HTML 123Page - Microchip Technology PIC18F4331 Datasheet HTML 124Page - Microchip Technology PIC18F4331 Datasheet HTML 125Page - Microchip Technology PIC18F4331 Datasheet HTML 126Page - Microchip Technology PIC18F4331 Datasheet HTML 127Page - Microchip Technology PIC18F4331 Datasheet HTML 128Page - Microchip Technology PIC18F4331 Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 123
PIC18F2331/2431/4331/4431
TABLE 10-5:
PORTC FUNCTIONS
TABLE 10-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Name
Bit #
Buffer Type
Function
RC0/T1OSO/T1CKI
bit 0
ST
Input/output port pin or Timer1 oscillator output/Timer1 clock input.
RC1/T1OSI/CCP2/
FLTA
bit 1
ST/CMOS
Input/output port pin, Timer1 oscillator input, or Capture2 input/
Compare2 output/PWM output when CCP2MX configuration bit is
disabled, or FLTA input.
RC2/CCP1/FLTB
bit 2
ST
Input/output port pin, Capture1 input/Compare1 output/PWM1 output,
or FLTB input.
RC3/T0CKI/T5CKI/
INT0
bit 3
ST
Input/output port pin, Timer0 and Timer5 alternate clock input, or
external interrupt 0.
RC4/INT1/SDI/SDA
bit 4
ST
Input/output port pin, SPI Data in, I2C Data I/O, or external interrupt 1.
RC5/INT2/SCK/SCL
bit 5
ST
Input/output port pin or Synchronous Serial Port Clock I/O, or external
interrupt 2.
RC6/TX/CK/SS
bit 6
ST
Input/output port pin, EUSART Asynchronous Transmit, EUSART
Synchronous Clock, or SPI Slave Select input.
RC7/RX/DT/SDO
bit 7
ST
Input/output port pin, EUSART Asynchronous Receive, EUSART
Synchronous Data, or SPI Data out.
Legend: ST = Schmitt Trigger input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
LATC
LATC Data Output Register
xxxx xxxx
uuuu uuuu
TRISC
PORTC Data Direction Register
1111 1111
1111 1111
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
0000 000u
INTCON2
RBPU
INTEDG0
INTEDG1 INTEDG2
—
TMR0IP
—
RBIP
1111 -1-1
1111 -1-1
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
11-0 0-00
Legend:
x
= unknown, u = unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com