Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST95HF Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 47Page - STMicroelectronics ST95HF Datasheet HTML 48Page - STMicroelectronics ST95HF Datasheet HTML 49Page - STMicroelectronics ST95HF Datasheet HTML 50Page - STMicroelectronics ST95HF Datasheet HTML 51Page - STMicroelectronics ST95HF Datasheet HTML 52Page - STMicroelectronics ST95HF Datasheet HTML 53Page - STMicroelectronics ST95HF Datasheet HTML 54Page - STMicroelectronics ST95HF Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
DocID025630 Rev 4
51/93
ST95HF
Commands
92
5.14
Echo command (0x55) description
The ECHO command verifies the possibility of communication between a Host and the
ST95HF. This command also can be used to exit Listening mode without an error when the
ST95HF has received a Listen command.
SDD_REQ
93, 95, 97
Single device detection request
SEL_REQ
9370, 9570, 9770
Select request
Table 42. Commands to which the device is able to respond (continued)
Command
Code
Definition
Table 43. ECHO command description
Direction
Data
Comments
Example
Host to ST95HF
0x55
Command code
-
ST95HF to Host
0x55
Code response
>>> 0x55
: Sends an ECHO command
<<< 0x55
: Response to an ECHO command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93