Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST95HF Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 73Page - STMicroelectronics ST95HF Datasheet HTML 74Page - STMicroelectronics ST95HF Datasheet HTML 75Page - STMicroelectronics ST95HF Datasheet HTML 76Page - STMicroelectronics ST95HF Datasheet HTML 77Page - STMicroelectronics ST95HF Datasheet HTML 78Page - STMicroelectronics ST95HF Datasheet HTML 79Page - STMicroelectronics ST95HF Datasheet HTML 80Page - STMicroelectronics ST95HF Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 93 page
background image
DocID025630 Rev 4
77/93
ST95HF
Examples of ST95HF command code to activate NFC Forum and ISO/IEC 15693 tags
92
REM,
Row3 CCFile Magic E1 Ver 10 MMY Size 12 Access 00
>>> 04 09
3080 0380 9980 9A80 18
<<<
80 27 E180 1000 1280 0080 0100 0380 A080 1000 4480 0380 0B00 D180
0100 0700 5580 0100 8880 1300
080000
REM,
Row4 First TL (T01 Prop L 3 V)
>>> 04 09
3080 0400 2600 EE80 18
<<<
80 27 0100 0380 A080 1000 4480 0380 0B00 D180 0100 0700 5580 0100
7300 7480 2E80 6380 5A80 2A00
080000
REM,
Row5 Second TLV NDEF MSG (T03 L 0B V www.st.com)
>>> 04 09
3080 0580 AF80 FF80 18
<<<
80 27 4480 0380 0B00 D180 0100 0700 5580 0100 7300 7480 2E80 6380
6F80 6D00 FE00 0080 3F80 8500
080000
REM,
Row6
Second TLV NDEF MSG
( T V
www.st.com)
>>> 04 09
3080 0680 3400 CD00 18
<<<
80 27 0100 0700 5580 0100 7300 7480 2E80 6380 6F80 6D00 FE00 0080
0080 FF80 0080 FF80 3F80 F680
080000
REM,
Row7 Secobd TLV NDEF MSG (T V www.st.com)
>>> 04 09
3080 0700 BD80 DC00 18
<<<
80 27 7300 7480 2E80 6380 6F80 6D00 FE00 0080 0080 FF80 0080 FF80
4500 7300 7300 6100 4880 CB00
080000
REM,
Row8 Third TLV Terminator (T V FE 00)
>>> 04 09
3080 0800 4A00 2480 18
<<<
80 27 6F80 6D00 FE00 0080 0080 FF80 0080 FF80 4500 7300 7300 6100
0080 FF80 0080 FF80 F080 4B80
080000
REM,
Row9 Read Scratch pad
>>> 04 09
3080 0980 C380 3580 18
<<<
80 27 0080 FF80 0080 FF80 4500 7300 7300 6100 0080 FF80 0080 FF80
4500 4600 2000 5400 9A80 4880
080000
REM, Write ROW9 option Parity Framing (cmd CRC1
addr CRC1 CRC2)
Parity specify after each byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93