| Moteur de recherche de fiches techniques de composants électroniques |
|
ST95HF Fiches technique(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST95HF Fiches technique(HTML) 80 Page - STMicroelectronics |
|
80 / 93 page ![]() Examples of ST95HF command code to activate NFC Forum and ISO/IEC 15693 tags ST95HF 80/93 DocID025630 Rev 4 <<< 80 06 D0 7387 080000 ** ISO14443_4 APDU (command & reply are using Iblock format, Prolog Information (APDU) Epilog) *** 7816_ APDU format (Class Instruction, Param , Length cmd data Length expeted) *** last byte 28 is a control byte to request ST95HF to automatically happen CRC as Epilog *** In response first 2 Byte 80 xx and last three bytes 08 0000 are ST95HF's control bytes *** Detect & Access NDEF Message *** Select Application by name >>> CR95HFDLL_SENDRECV, 02 00 A4040007D2760000850100 28 <<< 80 08 02 9000 F109 080000 ******************* Select CC File by name >>> CR95HFDLL_SENDRECV, 03 00 A4000002E103 28 <<< 80 08 03 9000 2D53 080000 ******************* ReadBinary CC (offset Le) >>> CR95HFDLL_SENDRECV, 02 00 B000000F 28 <<< 80 17 02 000F1000FF00FF0406000100FF0000 9000 B755 080000 ******************* Select NDEF MSG by Identifier 0001 >>> CR95HFDLL_SENDRECV, 03 00 A40000020001 28 <<< 80 08 03 9000 2D53 080000 ******************* ReadBinary NDEF MSG (MSG Length offset 00 2 bytes) >>> CR95HFDLL_SENDRECV, 02 00 B0000002 28 <<< 80 0A 02 0015 9000 ABB3 080000 ******************* Select NDEF File by name >>> CR95HFDLL_SENDRECV, 03 00 A40000020001 28 <<< 80 08 03 9000 2D53 080000 ******************* ReadBinary NDEF (MSG offset 02 , 20 Bytes) |