| Moteur de recherche de fiches techniques de composants électroniques |
|
ST95HF Fiches technique(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST95HF Fiches technique(HTML) 82 Page - STMicroelectronics |
|
82 / 93 page ![]() Examples of ST95HF command code to activate NFC Forum and ISO/IEC 15693 tags ST95HF 82/93 DocID025630 Rev 4 REM, CRC_B(AID) ABAB REM, Nb Appli (1) 01 REM, Prot Info byte1 00 (106 Kbps both direction) REM, Prot Info byte 2 81( frame max 256 Bytes ISO compliant) 0081E1AE0000 REM, Prot Info byte 3 E1 (Max frame wait time 4.9 ms Appli proprietary CID supported) REM, CRC_B AE00 REM, 14443_3 REM, REQB .... >>> CR95HFDLL_STCMD, 01 04 03 050000 <<< 80 0F 50AABBCCDD30ABAB010081E1 AE00 00 REM, ATTRIB 0x1D PUPI 1byte 1byte 1byte 1 byte + CRC_B (1D Identifier Param1 Param2 Param3 Param4) REM, Param1 00 use default TR0 TR1 use EOF REM, Param2 07 max frame size 106 Kbps Up & Dwn link REM, Param3 01 ISO14443 compliant REM, Param4 08 CID (8) card Identifier REM, reply ST95HF 80 04 18EBC3 00 REM, 80 response OK 04 nb byte response including ultimate byte 00 ST95HF reply OK REM, Reply 10F9E0 coefBufferLength 1 CID 1 + CRC_B REM, ATTRIB ....CID0 >>> CR95HFDLL_STCMD, 01 04 09 1D AABBCCDD00070100 <<< 80 04 10 F9E0 00 REM, 14443_4 , CID not used REM, APDU for NDEF management REM, command format (INF) CLA INS P1 P2 Lc(optional) Data(optional) REM, Response (optional ): body (optional) Sw1 sW2 REM, Block Format Prolog INFO Epilog ( 02 [CID] [NAD] [INF] CRC_B ) |