Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST95HF Fiches technique(PDF) 68 Page - STMicroelectronics

No de pièce ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Fiches technique(HTML) 68 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 64Page - STMicroelectronics ST95HF Datasheet HTML 65Page - STMicroelectronics ST95HF Datasheet HTML 66Page - STMicroelectronics ST95HF Datasheet HTML 67Page - STMicroelectronics ST95HF Datasheet HTML 68Page - STMicroelectronics ST95HF Datasheet HTML 69Page - STMicroelectronics ST95HF Datasheet HTML 70Page - STMicroelectronics ST95HF Datasheet HTML 71Page - STMicroelectronics ST95HF Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
Example of tag detection command using results of tag detection calibration
ST95HF
68/93
DocID025630 Rev 4
Appendix C
Example of tag detection command using
results of tag detection calibration
The following script works on the DEMO_CR95HF evaluation board and with the ST95HF
development software available on www.st.com.
This is an example of a Tag Detection command when a tag is not present in the RF
operating volume using the ST95HF:
>>> CR95HFDLL_STCMD, 01 070E0B21007801180020606064743F01
<<< 000101 Wake-up event = Timeout (0x01)
>>> CR95HFDLL_STCMD, 01 0803620100
<<< 000101
This is an example of a Tag Detection command when a tag is present in the RF operating
volume using the ST95HF:
>>> CR95HFDLL_STCMD, 01 070E0B21007801180020606064743F01
<<< 000102 Wake-up event = Tag Detect (0x02)
>>> CR95HFDLL_STCMD, 01 0803620100
<<< 000102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93