Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST95HF Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce ST95HF
Description  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button ST95HF Datasheet HTML 85Page - STMicroelectronics ST95HF Datasheet HTML 86Page - STMicroelectronics ST95HF Datasheet HTML 87Page - STMicroelectronics ST95HF Datasheet HTML 88Page - STMicroelectronics ST95HF Datasheet HTML 89Page - STMicroelectronics ST95HF Datasheet HTML 90Page - STMicroelectronics ST95HF Datasheet HTML 91Page - STMicroelectronics ST95HF Datasheet HTML 92Page - STMicroelectronics ST95HF Datasheet HTML 93Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 89 / 93 page
background image
DocID025630 Rev 4
89/93
ST95HF
Card emulation communication
92
Execute
Anti-colli-
sion Pro-
cess
ISO/IEC
14443
Type A
>>>
CR95HFDLL_ANTICOLSELECT123
------ ISO14443-A Start of Anti-Collision
Algorithm ------
ISO14443-A REQA
>>> CR95HFDLL_SENDRECV, 2607
<<< 80054403280000
ISO14443-A ANTICOL 1
>>> CR95HFDLL_SENDRECV,
932008
<<< 800888025174A9280000
ISO14443-A SELECT 1
>>> CR95HFDLL_SENDRECV,
937088025174A928
<<< 800624D836080000
ISO14443-A ANTICOL 2
>>> CR95HFDLL_SENDRECV,
952008
<<< 80084AEF228007280000
ISO14443-A SELECT 2
>>> CR95HFDLL_SENDRECV,
95704AEF22800728
<<< 800620FC70080000
--> UID = 0251744AEF2280
--> TAG selected
------ ISO14443-A End of Anti-Collision
Algorithm ------
BREAK
>
<
>
<
>
<
>
<
>
<
-
Anti-colli-
sion Pro-
cess on RX
side (no
return to
Host)
Response
automati-
cally sent to
reader
ISO/IEC
14443-3
Table 58. Example logs (continued)
Comment
CR95HF Reader
ST95HF Card Emulation
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93