| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F528 Fiches technique(PDF) 23 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528 Fiches technique(HTML) 23 Page - SPANSION |
|
23 / 241 page ![]() D a t a S h e e t 20 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 - - - J4 P245 - A General-purpose I/O port PPG65_0 - PPG ch.65 output pin(0) 9 11 11 G1 P024 - F General-purpose I/O port WR0X - External Bus write strobe 0 output pin SIN4_1 - Multi-function serial ch.4 serial data input pin(1) PPG24_0 - PPG ch.24 output pin(0) TIN1_0 - Reload timer ch.1 event input pin(0) RTO4_1 - Waveform generator ch.4 output pin(1) INT15_0 - INT15 external interrupt input pin(0) 10 12 12 G2 P025 - A General-purpose I/O port WR1X - External Bus write strobe 1 output pin SOT4_1 - Multi-function serial ch.4 serial data output pin(1) PPG25_0 - PPG ch.25 output pin(0) TIN2_0 - Reload timer ch.2 event input pin(0) - 13 13 K3 P172 - A General-purpose I/O port PPG38_1 - PPG ch.38 output pin(1) 11 14 14 H1 P026 - F General-purpose I/O port A00 - External Bus address bit0 output pin SCK4_1 - Multi-function serial ch.4 clock I/O pin(1) PPG26_0 - PPG ch.26 output pin(0) TIN3_0 - Reload timer ch.3 event input pin(0) 12 15 15 J1 P027 - A General-purpose I/O port A01 - External Bus address bit1 output pin SCS40_1 - Serial chip select 40 I/O pin(1) PPG27_0 - PPG ch.27 output pin(0) TOT0_0 - Reload timer ch.0 output pin(0) RTO3_1 - Waveform generator ch.3 output pin(1) - 16 16 K4 P173 - A General-purpose I/O port PPG39_1 - PPG ch.39 output pin(1) 13 17 17 J2 P030 - A General-purpose I/O port A02 - External Bus address bit2 output pin SCS41_1 - Serial chip select 41 output pin(1) PPG28_0 - PPG ch.28 output pin(0) TOT1_0 - Reload timer ch.1 output pin(0) 14 18 18 K1 P031 - A General-purpose I/O port A03 - External Bus address bit3 output pin SCS42_1 - Serial chip select 42 output pin(1) PPG29_0 - PPG ch.29 output pin(0) TOT2_0 - Reload timer ch.2 output pin(0) |