| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F528 Fiches technique(PDF) 38 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528 Fiches technique(HTML) 38 Page - SPANSION |
|
38 / 241 page ![]() D a t a S h e e t March 28, 2014, MB91F528_DS705-00016-1v0-E 35 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 103 125 146 H24 P117 - B General-purpose I/O port SCS60_0 - Serial chip select 60 I/O pin(0) AN29 - ADC analog 29 input pin PPG21_0 - PPG ch.21 output pin(0) RTO5_0 - Waveform generator ch.5 output pin(0) - 126 147 J23 P196 - A General-purpose I/O port FRCK3_1 - Free-run timer 3 clock input pin(1) PPG28_1 - PPG ch.28 output pin(1) - - - E26 P282 - A General-purpose I/O port PPG82_0 - PPG ch.82 output pin(0) - - - F25 P283 - A General-purpose I/O port PPG83_0 - PPG ch.83 output pin(0) 104 127 148 H23 P120 - S General-purpose I/O port AN30 ADC analog 30 input pin OCU6_0 - Output compare ch.6 output pin(0) PPG22_0 - PPG ch.22 output pin(0) INT9_0 - INT9 external interrupt input pin(0) RX4(128)_0 - CAN reception data 4 input pin(0) 105 128 149 D26 P121 - A General-purpose I/O port OCU7_0 - Output compare ch.7 output pin(0) PPG23_0 - PPG ch.23 output pin(0) TX4(128)_0 - CAN transmission data 4 output pin(0) 106 129 150 E25 P122 - J General-purpose I/O port SIN6_0 - Multi-function serial ch.6 serial data input pin(0) AN31 - ADC analog 31 input pin OCU8_0 - Output compare ch.8 output pin(0) INT9_1 - INT9 external interrupt input pin(1) - - 151 G23 P225 - P General-purpose I/O port SCK17_0/SCL17 - Multi-function serial ch.17 clock I/O pin(0)/ I 2C bus serial clock I/O pin PPG55_0 - PPG ch.55 output pin(0) - - 152 D25 P226 - P General-purpose I/O port SOT17_0/SDA17 - Multi-function serial ch.17 serial data output pin(0)/I 2C bus serial data I/O pin PPG56_0 - PPG ch.56 output pin(0) - - 153 E24 P227 - I General-purpose I/O port SIN17_0 - Multi-function serial ch.17 serial data input pin(0) PPG57_0 - PPG ch.57 output pin(0) INT21_0 - INT21 external interrupt input pin(0) - 130 154 F23 P197 - A General-purpose I/O port PPG29_1 - PPG ch.29 output pin(1) |