| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F528 Fiches technique(PDF) 39 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528 Fiches technique(HTML) 39 Page - SPANSION |
|
39 / 241 page ![]() D a t a S h e e t 36 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 107 131 155 E23 P123 - R General-purpose I/O port OCU9_0 - Output compare ch.9 output pin(0) STOPWT_1 - FlexRay stopwatch input(1) 110 134 158 C26 DEBUGIF - L DEBUGIF I/O pin for debug (OCD) - - - C25 P284 - A General-purpose I/O port PPG84_0 - PPG ch.84 output pin(0) - - - D22 P285 - A General-purpose I/O port PPG85_0 - PPG ch.85 output pin(0) - 135 159 C22 P160 - A General-purpose I/O port PPG30_1 - PPG ch.30 output pin(1) - 136 160 D21 P161 - A General-purpose I/O port PPG31_1 - PPG ch.31 output pin(1) - - - B22 P286 - A General-purpose I/O port TRG18_0 - PPG trigger 18 input pin(0) - - - C21 P287 - A General-purpose I/O port TRG19_0 - PPG trigger 19 input pin(0) 111 137 161 - P124 - A General-purpose I/O port OCU10_0 - Output compare ch.10 output pin(0) TRST - JTAG test reset input - - - D20 P124 - A General-purpose I/O port OCU10_0 - Output compare ch.10 output pin(0) 112 138 162 - P125 - A General-purpose I/O port OCU11_0 - Output compare ch.11 output pin(0) TMS - JTAG test mode state input - - - A22 P125 - A General-purpose I/O port OCU11_0 - Output compare ch.11 output pin(0) - - 163 B21 P230 - P General-purpose I/O port SCK18_0/SCL18 - Multi-function serial ch.18 clock I/O pin(0)/ I 2C bus serial clock I/O pin OCU12_0 - Output compare ch.12 output pin(0) PPG58_0 - PPG ch.58 output pin(0) - - 164 C20 P231 - P General-purpose I/O port SOT18_0/SDA18 - Multi-function serial ch.18 serial data output pin(0)/I 2C bus serial data I/O pin OCU13_0 - Output compare ch.13 output pin(0) PPG59_0 - PPG ch.59 output pin(0) - - 165 D19 P232 - I General-purpose I/O port SIN18_0 - Multi-function serial ch.18 serial data input pin(0) PPG60_0 - PPG ch.60 output pin(0) INT22_0 - INT22 external interrupt input pin(0) - - 166 C19 P233 - A General-purpose I/O port SCS18_0 - Serial chip select 18 I/O pin(0) PPG61_0 - PPG ch.61 output pin(0) INT16_1 - INT16 external interrupt input pin(1) |