| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F528 Fiches technique(PDF) 37 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528 Fiches technique(HTML) 37 Page - SPANSION |
|
37 / 241 page ![]() D a t a S h e e t 34 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 97 117 138 J26 P111 - G General-purpose I/O port RX1(128)_0 - CAN reception data 1 input pin(0) SCS62_0 - Serial chip select 62 output pin(0) AN23 - ADC analog 23 input pin INT1_0 - INT1 external interrupt input pin(0) 98 118 139 K26 P112 - U General-purpose I/O port AN24 - ADC analog 24 input pin PPG16_0 - PPG ch.16 output pin(0) RTO0_0 - Waveform generator ch.0 output pin(0) TXENB_1 - FlexRay ch.B operation enable output(1) 99 119 140 K25 P113 - U General-purpose I/O port AN25 - ADC analog 25 input pin PPG17_0 - PPG ch.17 output pin(0) RTO1_0 - Waveform generator ch.1 output pin(0) TXDB_1 - FlexRay ch.B data output(1) - 120 141 H26 P194 - A General-purpose I/O port FRCK5_1 - Free-run timer 5 clock input pin(1) PPG26_1 - PPG ch.26 output pin(1) - 121 142 J25 P195 - A General-purpose I/O port FRCK4_1 - Free-run timer 4 clock input pin(1) PPG27_1 - PPG ch.27 output pin(1) - - - G26 P280 - A General-purpose I/O port PPG80_0 - PPG ch.80 output pin(0) - - - H25 P281 - A General-purpose I/O port PPG81_0 - PPG ch.81 output pin(0) 100 122 143 K23 P114 - S General-purpose I/O port SCS61_0 - Serial chip select 61 output pin(0) AN26 - ADC analog 26 input pin PPG18_0 - PPG ch.18 output pin(0) RTO2_0 - Waveform generator ch.2 output pin(0) RXDB_1 - FlexRay ch.B data input(1) 101 123 144 F26 P115 - G General-purpose I/O port RX1(128)_1 - CAN reception data 1 input pin(1) SOT6_0/SDA6 - Multi-function serial ch.6 serial data output pin(0)/I 2C bus serial data I/O pin AN27 - ADC analog 27 input pin PPG19_0 - PPG ch.19 output pin(0) RTO3_0 - Waveform generator ch.3 output pin(0) INT1_1 - INT1 external interrupt input pin(1) 102 124 145 G25 P116 - G General-purpose I/O port SCK6_0/SCL6 - Multi-function serial ch.6 clock I/O pin(0)/ I 2C bus serial clock I/O pin AN28 - ADC analog 28 input pin PPG20_0 - PPG ch.20 output pin(0) RTO4_0 - Waveform generator ch.4 output pin(0) |