| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F528 Fiches technique(PDF) 88 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528 Fiches technique(HTML) 88 Page - SPANSION |
|
88 / 241 page ![]() D a t a S h e e t March 28, 2014, MB91F528_DS705-00016-1v0-E 85 CONFIDENTIAL Address Address offset value / Register name Block +0 +1 +2 +3 0011B8H SCR19/(IBCR19) [R/W] B,H,W 0--00000 SMR19 [R/W] B,H,W 000-00-0 SSR19 [R/W] B,H,W 0-000011 ESCR19/(IBSR19) [R/W] B,H,W 00000000 Multi-UART19 *1: Byte access is possible only for access to lower 8 bits. *2: Reserved because I 2C mode is not set immediately after reset. *3: Reserved because CSIO mode is not set immediately after reset. *4: Reserved because LIN2.1 mode is not set immediately after reset. 0011BCH ― /(RDR119/(TDR119))[R/W] B,H,W -------- --------* 3 RDR019/(TDR019)[R/W] B,H,W -------0 00000000* 1 0011C0H SACSR19[R/W] B,H,W 0----000 00000000 STMR19[R] B,H,W 00000000 00000000 0011C4H STMCR19[R/W] B,H,W 00000000 00000000 ― /(SCSCR19/SFUR19)[R/W] B,H,W -------- --------* 3 *4 0011C8H ― /(SCSTR319)/ (LAMSR19) [R/W] B,H,W --------* 3 ― /(SCSTR219)/ (LAMCR19) [R/W] B,H,W --------* 3 ― /(SCSTR119)/(SFLR11 9) [R/W] B,H,W --------* 3 ― /(SCSTR019)/(SFLR01 9) [R/W] B,H,W --------* 3 0011CCH ― ― /(SCSFR219) [R/W] B,H,W --------* 3 ― /(SCSFR119) [R/W] B,H,W --------* 3 ― /(SCSFR019) [R/W] B,H,W --------* 3 0011D0H ―/(TBYTE319)/ (LAMESR19) [R/W] B,H,W --------* 3 ―/(TBYTE219)/ (LAMERT19) [R/W] B,H,W --------* 3 ―/(TBYTE119)/ (LAMIER19) [R/W] B,H,W --------* 3 TBYTE019/(LAMRID 19)/(LAMTID19) [R/W] B,H,W 00000000 0011D4H BGR19[R/W] H,W 00000000 00000000 ― /(ISMK19) [R/W] B,H,W --------* 2 ― /(ISBA19) [R/W] B,H,W --------* 2 0011D8H FCR119 [R/W] B,H,W ---00100 FCR019 [R/W] B,H,W -0000000 FBYTE19[R/W] B,H,W 00000000 00000000 0011DCH FTICR19[R/W] B,H,W 00000000 00000000 ― ― 0011E0H to 0011FCH ― ― ― ― Reserved 001200H TCGS [R/W] B,H,W ------00 ― ― TCGSE [R/W] B,H,W -----000 16-bit Free-run timer synchronous activation 001204H CPCLRB0/CPCLR0 [W] H,W 11111111 11111111 TCDT0 [R/W] H,W 00000000 00000000 16-bit Free-run timer 0 001208H TCCS0 [R/W] B,H,W 00000000 01000000 ----0000 -------- 00120CH CPCLRB1/CPCLR1 [W] H,W 11111111 11111111 TCDT1 [R/W] H,W 00000000 00000000 16-bit Free-run timer 1 001210H TCCS1 [R/W] B,H,W 00000000 01000000 ----0000 -------- 001214H CPCLRB2/CPCLR2 [W] H,W 11111111 11111111 TCDT2 [R/W] H,W 00000000 00000000 16-bit Free-run timer 2 001218H TCCS2 [R/W] B,H,W 00000000 01000000 ----0000 -------- 00121CH to 001230H ― ― ― ― Reserved |