| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F528 Fiches technique(PDF) 30 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528 Fiches technique(HTML) 30 Page - SPANSION |
|
30 / 241 page ![]() D a t a S h e e t March 28, 2014, MB91F528_DS705-00016-1v0-E 27 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 47 58 70 AC10 P061 - B General-purpose I/O port SOT10_1 - Multi-function serial ch.10 serial data output pin(1) AN41 - ADC analog 41 input pin ICU6_0 - Input capture ch.6 input pin(0) PPG3_1 - PPG ch.3 output pin(1) ICU3_1 - Input capture ch.3 input pin(1) TOT6_1 - Reload timer ch.6 output pin(1) INT13_1 - INT13 external interrupt input pin(1) 48 59 71 AD11 P062 - B General-purpose I/O port SCS10_1 - Serial chip select 10 I/O pin(1) SCS40_0 - Serial chip select 40 I/O pin(0) AN40 - ADC analog 40 input pin PPG4_1 - PPG ch.4 output pin(1) FRCK0_0 - Free-run timer 0 clock input pin(0) TOT7_1 - Reload timer ch.7 output pin(1) ZIN1_1 - U/D counter ch.1 ZIN input pin(1) 49 60 72 AC11 P063 - B General-purpose I/O port SCS41_0 - Serial chip select 41 output pin(0) AN39 - ADC analog 39 input pin PPG5_1 - PPG ch.5 output pin(1) FRCK1_0 - Free-run timer 1 clock input pin(0) BIN1_1 - U/D counter ch.1 BIN input pin(1) - 61 73 AF12 P183 - A General-purpose I/O port PPG43_0 - PPG ch.43 output pin(0) 50 62 74 AE12 P064 - B General-purpose I/O port SCS42_0 - Serial chip select 42 output pin(0) AN38 - ADC analog 38 input pin FRCK2_0 - Free-run timer 2 clock input pin(0) AIN1_1 - U/D counter ch.1 AIN input pin(1) PPG43_1 - PPG ch.43 output pin(1) 51 63 75 AC12 P065 - A General-purpose I/O port SCS43_0 - Serial chip select 43 output pin(0) FRCK3_0 - Free-run timer 3 clock input pin(0) ZIN0_1 - U/D counter ch.0 ZIN input pin(1) PPG44_1 - PPG ch.44 output pin(1) - 64 76 AF13 P184 - A General-purpose I/O port PPG44_0 - PPG ch.44 output pin(0) - 65 77 AE13 P185 - A General-purpose I/O port PPG45_0 - PPG ch.45 output pin(0) 52 66 78 AC13 P066 - B General-purpose I/O port SOT4_2 - Multi-function serial ch.4 serial data output pin(2) SCS3_0 - Serial chip select 3 I/O pin(0) AN37 - ADC analog 37 input pin FRCK4_0 - Free-run timer 4 clock input pin(0) BIN0_1 - U/D counter ch.0 BIN input pin(1) |