| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F528 Fiches technique(PDF) 35 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528 Fiches technique(HTML) 35 Page - SPANSION |
|
35 / 241 page ![]() D a t a S h e e t 32 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 80 99 115 V23 P096 - G General-purpose I/O port RX0(128)_0 - CAN reception data 0 input pin(0) SOT11_0/SDA11 - Multi-function serial ch.11 serial data output pin(0)/I 2C bus serial data I/O pin AN10 - ADC analog 10 input pin INT0_0 - INT0 external interrupt input pin(0) 81 100 116 Y26 P097 - G General-purpose I/O port SCK11_0/SCL11 - Multi-function serial ch.11 clock I/O pin(0)/ I 2C bus serial clock I/O pin AN11 - ADC analog 11 input pin ICU5_0 - Input capture ch.5 input pin(0) PPG17_1 - PPG ch.17 output pin(1) - - 117 W25 P220 - P General-purpose I/O port SCK16_0/SCL16 - Multi-function serial ch.16 clock I/O pin(0)/ I 2C bus serial clock I/O pin ICU10_0 - Input capture ch.10 input pin(0) PPG48_1 - PPG ch.48 output pin(1) - - 118 U23 P221 - P General-purpose I/O port SOT16_0/SDA16 - Multi-function serial ch.16 serial data output pin(0)/I 2C bus serial data I/O pin ICU11_0 - Input capture ch.11 input pin(0) PPG49_1 - PPG ch.49 output pin(1) - - 119 V25 P222 - I General-purpose I/O port SIN16_0 - Multi-function serial ch.16 serial data input pin(0) PPG54_0 - PPG ch.54 output pin(0) INT20_0 - INT20 external interrupt input pin(0) - - - U24 P275 - A General-purpose I/O port PPG67_1 - PPG ch.67 output pin(1) - - - U25 P276 - A General-purpose I/O port TRG16_1 - PPG trigger 16 input pin(1) PPG86_1 - PPG ch.86 output pin(1) 85 104 123 T25 P100 - G General-purpose I/O port SCK7_0/SCL7 - Multi-function serial ch.7 clock I/O pin(0)/ I 2C bus serial clock I/O pin AN12 - ADC analog 12 input pin PPG8_0 - PPG ch.8 output pin(0) 86 105 124 T23 P101 - G General-purpose I/O port SOT7_0/SDA7 - Multi-function serial ch.7 serial data output pin(0)/I 2C bus serial data I/O pin AN13 - ADC analog 13 input pin PPG9_0 - PPG ch.9 output pin(0) TX3(128)_0 - CAN transmission data 3 output pin(0) |