| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5170 Fiches technique(PDF) 38 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5170 Fiches technique(HTML) 38 Page - ams AG |
|
38 / 47 page ![]() Page 38 ams Datasheet Document Feedback [v1-01] 2016-Apr-11 AS5170 − Application Information Figure 47: Recommended External Components for the AS5170B with SENT Output Component Symbol Min Typ Max Unit Notes VDD buffer capacitor C1 0.811.2 μF VDD3V3 regulator capacitor C2 80 100 120 nF OUT load capacitor (sensor PCB) C3 04.7 nF Do not increase due to programming over output. VDD capacitor (optional) C4 * 4.7 nF VDD serial resistor (optional) R1 * 10 k Ω OUT load capacitor (ECU) CL 020 nF OUT serial resistor (optional) R2 * 50 k Ω OUT pull-up resistance RLPU 10 50 k Ω OUT pull-down resistance RLPD 10 50 k Ω |