| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5170 Fiches technique(PDF) 29 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5170 Fiches technique(HTML) 29 Page - ams AG |
|
29 / 47 page ![]() ams Datasheet Page 29 [v1-01] 2016-Apr-11 Document Feedback AS5170 − Register Description Diagnostic AS5170A/AS5170B can be used in safety critical applications. For this reason,AS5170A/AS5170B is developed as SEooC (Safety element out of context) according the ISO26262. The assumption of use (AoU) and the robust embedded self-diagnostic, to achieve a high ASIL level in the application. For additional information regarding the ISO26262 flow at ams and the SEooC relevant documents (e.g. FMEDA, safety manual,) please contact the ams technical support for magnetic position sensors. Figure 38: Diagnostic Table SM Safety Mechanism Recoverable Safe State SM1 Watchdog failure No, if a watchdog error is detected, the sensor provides the error information till a sensor reset happens Output is going into HIZ --> failure band (depending on output resistor) SM2 Offset compensation not complete Yes, if the offset is below the specified threshold, sensor recovers the output Output is forced in failure band. Depending on FBS setting SM3 CORDIC overflow Yes, if the magnetic input field is below the specified threshold, sensor recovers the output Output is forced in failure band. Depending on FBS setting SM4 Magnetic input field too high/too low Yes, if the magnetic field is inside the specific range, after the recovery time the sensor leave the failure Output is forced in failure band. Depending on FBS setting SM5 Vreg undervoltage Yes Hi-z: Failure band related to the out load SM6 Reverse polarity Yes, if reverse polarity issue is solved. No direct safety mechanism, it’s a protection! Hi-z: Failure band related to the out load SM7 VDD overvoltage Yes, if the VDD is below the specified threshold. Hi-z: Failure band related to the out load SM8 VDD undervoltage Yes, if the VDD is above the specified threshold Hi-z: Failure band related to the out load SM9 Broken VDD Yes Hi-z: Failure band related to the out load SM10 ADC check No, sensor stays in failure band till the Sensor is resetting. Hi-z: Failure band related to the out load SM11 Analog read fail Yes Hi-z: Failure band related to the out load SM12 Short circuit Yes Hi-z: Failure band related to the out load |