| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5170 Fiches technique(PDF) 8 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5170 Fiches technique(HTML) 8 Page - ams AG |
|
8 / 47 page ![]() Page 8 ams Datasheet Document Feedback [v1-01] 2016-Apr-11 AS5170 − Electrical Characteristics Figure 10: Power Management - Supply Monitor - Timing Symbol Parameter Conditions Min Typ Max Unit VDDUVTH VDD undervoltage upper threshold 3.5 4.0 4.5 V VDDUVTL VDD undervoltage lower threshold 3.0 3.5 4.0 V VDDUH VDD undervoltage hysteresis 300 500 900 mV UVDT VDD undervoltage detection time Time devices detects undervoltage VDD< VDDUVTH 10 50 250 μs UVRT Undervoltage recovery time Time device return into normal mode from failure band VDD > VDDUVTH 10 50 250 μs VDDOVTH VDD overvoltage upper threshold 6.0 6.5 7.0 V VDDOVTL VDD overvoltage lower threshold 5.5 6.0 6.5 V VDDOH VDD overvoltage hysteresis 300 500 900 V OVDT VDD overvoltage detection time Time devices detects overvoltage VDD> VDDOVTL 500 1000 2000 μs OVRT VDD overvoltage recovery time Time device return into normal mode from failure band VDD < VDDOVTL 500 1000 2000 μs TDETWD WatchDog error detection time Time device detects oscillator failure till output is in failure band 12 ms |