Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5170 Fiches technique(PDF) 26 Page - ams AG

No de pièce AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Fiches technique(HTML) 26 Page - ams AG

Back Button AS5170 Datasheet HTML 22Page - ams AG AS5170 Datasheet HTML 23Page - ams AG AS5170 Datasheet HTML 24Page - ams AG AS5170 Datasheet HTML 25Page - ams AG AS5170 Datasheet HTML 26Page - ams AG AS5170 Datasheet HTML 27Page - ams AG AS5170 Datasheet HTML 28Page - ams AG AS5170 Datasheet HTML 29Page - ams AG AS5170 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-01] 2016-Apr-11
AS5170 − Register Description
The nibble protocol consists of:
• 5 clock ticks low
• 7 clock ticks + n clock ticks high
Where n is the decimal representation of the 4 bit data. If the
nibble data is zero (data = 0x00, n = 0) the nibble duration is 12
ticks, while if the nibble data is 15 (data = 0xFF, n = 15) its
duration is 27 ticks.
10010
11.25
10011
11.5
10100
11.75
10101
12
10110
12.25
10111
12.5
11000
2.25
11001
2.5
11010
2.75
11011
3
11100
3.25
11101
3.5
11110
3.5
11111
3.5
SENTTK
SENT Tick Period (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47