Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5170 Fiches technique(PDF) 18 Page - ams AG

No de pièce AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Fiches technique(HTML) 18 Page - ams AG

Back Button AS5170 Datasheet HTML 14Page - ams AG AS5170 Datasheet HTML 15Page - ams AG AS5170 Datasheet HTML 16Page - ams AG AS5170 Datasheet HTML 17Page - ams AG AS5170 Datasheet HTML 18Page - ams AG AS5170 Datasheet HTML 19Page - ams AG AS5170 Datasheet HTML 20Page - ams AG AS5170 Datasheet HTML 21Page - ams AG AS5170 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-01] 2016-Apr-11
AS5170 − Register Description
Figure 21 and Figure 22 show examples of read and write.
Figure 21:
Example of Write (Reg[0x22] = 0x18, Reg[0x23] = 0xA2)
Figure 22:
Example of Read (Reg[0x2B], Reg[0x2C])
Exiting Communication Mode
Communication mode is exited and operational mode is
entered with a Pass-to-function (P2F) command, by writing to
the virtual registers 0x60 and 0x61:
P2F: write(0x60) = 0x70, write(0x61) = 0x51
No more commands can be sent after sending this command,
because the device is permanently placed in operational mode.
Burning the OTP Registers
The BURNOTP command writes the OTP registers with their
programmed values. The command is issued by writing to
virtual registers 0x62 and 0x63:
BURNOTP: write(0x62) = 0x70, write(0x63) = 0x51
Customer ID
A specific identifier chosen by the user can be stored in the
non-volatile memory. This identifier consists of 4 bytes and can
be stored in the locations CUSTID0, CUSTID1, CUSTID2, and
CUSTID3.
11 0
01
1 0
0
01 0
00
1 0
0
0
0xAA
0
00
11
0x22
00 1
01
0 0
0
0
0
0
111 0
00
1 0
01 1
0x18
0xA2
11 0
01
1 0
0
10
01
1
1
0
0
0xAA
1
00
11
0x2B
0
0
1
Content of
register 0x2B
1
1
Content of
register 0x2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47