| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5170 Fiches technique(PDF) 36 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5170 Fiches technique(HTML) 36 Page - ams AG |
|
36 / 47 page ![]() Page 36 ams Datasheet Document Feedback [v1-01] 2016-Apr-11 AS5170 − Application Information SOIC8 Figure 43: Application with Pull-Down Load Resistor (SOIC-8) Figure 44: Application with Pull-Up Load Resistor (SOIC-8) Figure 43 and Figure 44 show the recommended schematic in the application. All components marked with (*) are optional and can be used to further increase the EMC. Sensor PCB C1 ECU C3 C4 * R1 * R2 * RLPU CL GND AS5170 C2 VDD VDD3V3 OUT TP4 TP1 TP2 GND TP3 VDD OUT Sensor PCB C1 ECU C3 C4 * R1 * R2 * RLPD CL GND AS5170 C2 VDD VDD3V3 OUT TP4 TP1 TP2 GND TP3 VDD OUT |