| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5170 Fiches technique(PDF) 14 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5170 Fiches technique(HTML) 14 Page - ams AG |
|
14 / 47 page ![]() Page 14 ams Datasheet Document Feedback [v1-01] 2016-Apr-11 AS5170 − Register Description Figure 16: Non-Volatile Memory Register Description Address Bit Position Field Description 0x0A 7:0 CUSTID0 Customer ID byte 0 0x0B 7:0 CUSTID1 Customer ID byte 1 0x0C 7:0 CUSTID2 Customer ID byte 2 0x0D 7:0 CUSTID3 Customer ID byte 3 0x0E 0 PWMINV PWM inverted 1 PWMSR PWM slew rate (0 = PWM slew rate fast PWMSRF, 1 = PWM slew rate slow PWMSRS) 3:2 DIGOS Digital output stage (00 = PWM push-pull 01 = PWM pull-down 10 = PWM pull-up 11 = SENT) It applies to the AS5710B only 6:4 RBKDEB Read-back debouncing 7n.a No use 0x0F 0FBS Failure band selection (0 = lower failure band, 1 = upper failure band) 2:1 HYST Hysteresis across the brake point 4:3 QUAD Quadrant selection 7:5 PWMFR PWM frequency selection 0x10 1:0 PWMRTH PWM rising threshold tbd 3:2 PWMFTH PWM falling threshold tbd 7:4 SENTMID SENT Message ID 0x11 4:0 SENTTK SENT tick 5 SENTESM Enable SENT serial message 6 SENTPP SENT pause pulse enable (0 = disable, 1 = enable) 7 SENTRC SENT rolling counter enable (0 = disable, 1 = enable) 0x12 3:0 n.a No use. Default 0 7:4 n.a No use. Default 0 Register Description |