| Moteur de recherche de fiches techniques de composants électroniques |
|
STRFNFCA Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STRFNFCA Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 74 page ![]() STRFNFCA Commands Doc ID 023077 Rev 10 45/74 5.14 Echo command (0x55) description The ECHO command verifies the possibility of communication between a Host and the STRFNFCA. This command also allows exiting Listening mode without an error when the STRFNFCA has received a Listen command. Table 35. ECHO command description Direction Data Comments Example Host to STRFNFCA 0x55 Command code STRFNFCA to Host 0x55 Code response >>> 0x55: Sends an ECHO command <<< 0x55: Response to an ECHO command |