Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STRFNFCA Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 52Page - STMicroelectronics STRFNFCA Datasheet HTML 53Page - STMicroelectronics STRFNFCA Datasheet HTML 54Page - STMicroelectronics STRFNFCA Datasheet HTML 55Page - STMicroelectronics STRFNFCA Datasheet HTML 56Page - STMicroelectronics STRFNFCA Datasheet HTML 57Page - STMicroelectronics STRFNFCA Datasheet HTML 58Page - STMicroelectronics STRFNFCA Datasheet HTML 59Page - STMicroelectronics STRFNFCA Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
Package mechanical data
STRFNFCA
56/74
Doc ID 023077 Rev 10
Note:
1
AMKOR Variation B. Dimensions are not in accordance with JEDEC.
2AMKOR.
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
ddd (AMK)
0.050
0.0020
2
1.
Values in inches are rounded to 4 decimal digits.
Table 47.
32-pin VFQFPN package mechanical data (continued)
Symbol
millimeters
inches(1)
Note
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74