Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STRFNFCA Fiches technique(PDF) 61 Page - STMicroelectronics

No de pièce STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Fiches technique(HTML) 61 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 57Page - STMicroelectronics STRFNFCA Datasheet HTML 58Page - STMicroelectronics STRFNFCA Datasheet HTML 59Page - STMicroelectronics STRFNFCA Datasheet HTML 60Page - STMicroelectronics STRFNFCA Datasheet HTML 61Page - STMicroelectronics STRFNFCA Datasheet HTML 62Page - STMicroelectronics STRFNFCA Datasheet HTML 63Page - STMicroelectronics STRFNFCA Datasheet HTML 64Page - STMicroelectronics STRFNFCA Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 74 page
background image
STRFNFCA
Example of tag detection command using results of tag detection calibration
Doc ID 023077 Rev 10
61/74
Appendix C
Example of tag detection command using
results of tag detection calibration
The following script works on the evaluation board and with the STRFNFCA developement
software available from the ST internet site.
This is an example of a Tag Detection command when a tag is not present in the RF
operating volume using the STRFNFCA:
>>> 070E0B21007801180020606064743F01
<<< 000101 Wake-up event = Timeout (0x01)
>>> 0803620100
<<< 000101
This is an example of a Tag Detection command when a tag is present in the RF operating
volume using the STRFNFCA:
>>> 070E0B21007801180020606064743F01
<<< 000102 Wake-up event = Tag Detect (0x02)
>>> 0803620100
<<< 000102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74