Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STRFNFCA Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 66Page - STMicroelectronics STRFNFCA Datasheet HTML 67Page - STMicroelectronics STRFNFCA Datasheet HTML 68Page - STMicroelectronics STRFNFCA Datasheet HTML 69Page - STMicroelectronics STRFNFCA Datasheet HTML 70Page - STMicroelectronics STRFNFCA Datasheet HTML 71Page - STMicroelectronics STRFNFCA Datasheet HTML 72Page - STMicroelectronics STRFNFCA Datasheet HTML 73Page - STMicroelectronics STRFNFCA Datasheet HTML 74Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
STRFNFCA
Examples of STRFNFCA command code to activate NFC Forum and ISO/IEC 15693
Doc ID 023077 Rev 10
71/74
D.4
ISO/IEC 15693
D.4.1
ISO/IEC 15693 tag
REM, Test Tag ISO/IEC 15693 (LR family)
REM,
Protocol Selection
Up link
Ask 30%
coding 1/4
REM,
Down link Single Sub carrier High data rate
REM,
Inventory One Slot
REM, Command Protocol Select 02 02 01 05
REM,
Protocol Selection
>>> 02020105
<<< 0000
REM,
Modification of IndexMod & Gain in Analog Value register
@69_index1 0x50
>>> 090468010150
<<< 0000
REM, Inventory 1 Slot
>>> 0403 260100
<<< 80 0D 0000B7100128B42102E0 66CC 00
REM,
GetSystem Info
REM, Flags, UID E00221B4280110B7 DSFID
00 AFI 00 MemorySize 3F
BlockSize 03 IC Reference 21
>>> SENDRECV, 022B
<<< 80 12 00 0F B7100128B42102E000003F03 21 DFB0 00
REM, Test Tag ISO/IEC 15693 (Dual family)
REM,
Protocol Selection
Up link
Ask 30%
coding 1/4
REM,
Down link Single Sub carrier High data rate
REM,
Inventory 1 Slot
REM, Command Protocol Select 02 02 01 05
REM,
Protocol Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74