Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STRFNFCA Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 18Page - STMicroelectronics STRFNFCA Datasheet HTML 19Page - STMicroelectronics STRFNFCA Datasheet HTML 20Page - STMicroelectronics STRFNFCA Datasheet HTML 21Page - STMicroelectronics STRFNFCA Datasheet HTML 22Page - STMicroelectronics STRFNFCA Datasheet HTML 23Page - STMicroelectronics STRFNFCA Datasheet HTML 24Page - STMicroelectronics STRFNFCA Datasheet HTML 25Page - STMicroelectronics STRFNFCA Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
Commands
STRFNFCA
22/74
Doc ID 023077 Rev 10
5.5
Pollfield command (0x03) description
This command returns the current value of the FieldDet flag.
The result of this command depends on the protocol selected. If we select a Reader mode
protocol, the flag FieldDet is set to ‘1’ because the RF field is turned ON by the reader.
Table 11.
POLLFIELD
command description
Direction
Data
Comments
Example
Host to
STRFNFCA
03
Command code
>>>0x0300
00
Length of data
STRFNFCA
to Host
00
Result code
<<<0x000101
01
Length of data
<FieldDet>
01
, if FieldDet is set
Table 12.
Response for <POLLFIELD> command
Function
Explanation
Response example
Comments
POLLFIELD
Response
00
01
01
This command returns the
current state of the RF
field.
Result code
Length of data field
[7:1]: RFU
0
: Field detected (if set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74