Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STRFNFCA Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 6Page - STMicroelectronics STRFNFCA Datasheet HTML 7Page - STMicroelectronics STRFNFCA Datasheet HTML 8Page - STMicroelectronics STRFNFCA Datasheet HTML 9Page - STMicroelectronics STRFNFCA Datasheet HTML 10Page - STMicroelectronics STRFNFCA Datasheet HTML 11Page - STMicroelectronics STRFNFCA Datasheet HTML 12Page - STMicroelectronics STRFNFCA Datasheet HTML 13Page - STMicroelectronics STRFNFCA Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
Power management and operating modes
STRFNFCA
10/74
Doc ID 023077 Rev 10
Figure 5 shows the power-up sequence for a STRFNFCA device; where,
●
t0 is the initial wake-up delay
100 µs (minimum)
●
t1 is the minimum interrupt width
10 µs (minimum)
●
t2 is the delay for the serial interface selection
250 ns (typical)
●
t3 is the HFO setup time (tSU(HFO))
10 ms (maximum)
●
t4 is the VPS ramp-up time
10 ms (maximum by design
validation)
Note:
The Serial Interface is selected after the following falling edge of pin IRQ_IN when leaving
from POR or Hibernate state.
Table 4 lists the signal configuration used to select the serial communication interface.
Table 4.
Select serial communication interface selection table
Pin
Serial interface
SSI_0
UART: 0
SPI: 1
SSI_1
UART: 0
SPI: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74