Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STRFNFCA Fiches technique(PDF) 70 Page - STMicroelectronics

No de pièce STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Fiches technique(HTML) 70 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 66Page - STMicroelectronics STRFNFCA Datasheet HTML 67Page - STMicroelectronics STRFNFCA Datasheet HTML 68Page - STMicroelectronics STRFNFCA Datasheet HTML 69Page - STMicroelectronics STRFNFCA Datasheet HTML 70Page - STMicroelectronics STRFNFCA Datasheet HTML 71Page - STMicroelectronics STRFNFCA Datasheet HTML 72Page - STMicroelectronics STRFNFCA Datasheet HTML 73Page - STMicroelectronics STRFNFCA Datasheet HTML 74Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
Examples of STRFNFCA command code to activate NFC Forum and ISO/IEC 15693 tags STRFNF-
70/74
Doc ID 023077 Rev 10
>>> SENDRECV, 03
00 A4 0000 02 0001
<<< 80 06 03 9000 F530 00
REM, Read Msg Length
>>> SENDRECV, 02 00 B0 0000 02
<<< 80 08 02 0013 9000 53AA 00
REM, Select Ndef
0001
>>> SENDRECV, 03 00 A4 0000 02 0001
<<< 80 06 03 9000 F530 00
REM, Read Message
>>> SENDRECV, 02 00 B0 0002 13
<<< 80 19 02 D1010F5402656E557365204352393548462021 9000 8571 00
D.3
ISO/IEC 18092
D.3.1
NFC Forum Tag Type 3
REM, STRFNFCA code example to support NFC Forum Tag Type 3
REM,
TEST INVENTORY ISO/IEC 18092
REM,
RFOFF
>>> 02020000
<<< 0000
REM,
Select Protocol 14443C
>>> 02020451
<<< 0000
REM, ISO/IEC 18092 New Modulation and Gain 0x50
>>> 090468010150
<<< 0000
REM, ISO/IEC 18092 Enable AutoDetect Filter to synchronize NFC Forum
Tag Type 3 with STRFNFCA device
>>> 09040A0102A1
<<< 0000
REM,
REQC 00 FFFF 00 00
(command code System code No request slot
0)
REM, ATQC
80 12
01
010102148E0DB413 (Manuf ID) 100B4B428485D0FF
(Manuf Parameter)
>>> 04 05 00FFFF0000
<<< 80 12 01 010102148E0DB413 100B4B428485D0FF
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74