Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR320S-2 Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 38Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 39Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 40Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 41Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 42Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 43Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 44Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 45Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 113 page
background image
Pin description
SPEAr320S
42/113
Doc ID 022508 Rev 2
3.4.7
Multiplexing scheme
To provide the best I/O multiplexing flexibility and the higher number of GPIOs for ARM
controlled input-output function, the following hierarchical multiplexing scheme has been
implemented.
Figure 3.
Hierarchical multiplexing scheme
Note:
3 selection bits per pin are available in RAS_iosel_reg (0..10).
Alternate functions
RAS_Select_Reg
GPIO_SELECT (0..3) registers
GPIOs
Extended mode
Mode 1: HMI automation
Mode 2: MII automation neworking
Mode 3: Expanded automation
Mode 4: Printer
Legacy
modes
Extended mode enable
ExtControl_Reg[0]
Legacy mode select
Control_Reg (0.. 2)
Extended mode selector
RAS_iosel_ reg (0 ..10)
3
3
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More