Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR320S-2 Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 73Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 74Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 75Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 76Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 77Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 78Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 79Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 80Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 113 page
background image
SPEAr320S
Electrical characteristics
Doc ID 022508 Rev 2
77/113
4.11
Reset release
The master reset (MRESET) must be released after all the power supplies are stable and for
a time interval of 2 ms, which is the start-up time of the main oscillator, and must be
asserted low for at least 1 µs for warm reset.
Figure 7.
Cold reset release
Figure 8.
Warm reset release
Note:
See also: Section 5.2: Reset timing characteristics on page 78.
VDD 1V2
VDD
VDD 3V3
1V8
MRESET
tRP(cold)= 2 ms
VDD 2V5
tRP(warm)= 1 µs
MRESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More