| Moteur de recherche de fiches techniques de composants électroniques |
|
SPEAR320S-2 Fiches technique(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR320S-2 Fiches technique(HTML) 58 Page - STMicroelectronics |
|
58 / 113 page ![]() Pin description SPEAr320S 58/113 Doc ID 022508 Rev 2 Table 27. SSP signals description Signal name Description Dir. PL_GPIO_# /Ball Configuration mode SSP0 SSP0_CS2 Slave select (used only in master mode) O PL_GPIO_34/E8 Alternate function SSP0_CS3 Slave select (used only in master mode) O PL_GPIO_35/D8 Alternate function SSP0_CS4 Slave select (used only in master mode) O PL_GPIO_36/C8 Alternate function SSP0_CLK SSP clock. It is used as output in master mode as input in slave mode. IO PL_GPIO_8/C2 Alternate function SSP0_MISO Master input slave output IO PL_GPIO_6/B1 Alternate function SSP0_MOSI Master output slave input IO PL_GPIO_9/B2 Alternate function SSP0_SS0 SSP frame output (master mode), input (slave mode) IO PL_GPIO_7/D3 Alternate function SSP1 SSP1_CLK SSP clock. It is used as output in master mode as input in slave mode. IO PL_GPIO_19/A3 1, 4, Extended PL_GPIO_96/H15 Extended mode PL_GPIO_67/C14 PL_GPIO_50/A12 PL_GPIO_38/A8 SSP1_MISO Master input slave output IO PL_GPIO_17/C4 1, 4, Extended PL_GPIO_94/H13 Extended mode PL_GPIO_65/B14 PL_GPIO_48/B11 PL_GPIO_36/C8 SSP1_MOSI Master output slave input IO PL_GPIO_20/B4 1, 4, Extended PL_GPIO_97/H16 Extended mode PL_GPIO_68/B15 PL_GPIO_51/D10 PL_GPIO_39/A9 SSP1_SS0 SSP frame output (master mode), input (slave mode) IO PL_GPIO_18/D5 1, 4, Extended PL_GPIO_95/H14 Extended mode PL_GPIO_66/E13 PL_GPIO_49/C11 PL_GPIO_37/B8 SSP2 |