Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR320S-2 Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 75Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 76Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 77Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 78Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 79Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 80Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 81Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 82Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 113 page
background image
SPEAr320S
Timing requirements
Doc ID 022508 Rev 2
79/113
5.3
CAN timing characteristics
The nominal CAN bit time allows a delay Prop_Seg to compensate for the physical delay
times. For details refer to RM0319, Reference manual, SPEAr320S architecture and
functionality.
Table 51 specifies the delay for the CAN I/O pads.
Prop_Seg
≥ 2 * max node output delay + bus line delay + node input delay
Table 51.
CAN timing characteristics
Symbol
Description
Max
Unit
td(RX)
CAN0_RX (PL_GPIO32) input delay
5.03
ns
CAN1_RX (PL_GPIO30) input delay
6.2
ns
td(TX)
CAN0_TX (PL_GPIO33) output delay
9.55
ns
CAN1_TX (PL_GPIO31) output delay
10.2
ns