Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR320S-2 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 55Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 56Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 57Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 58Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 59Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 60Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 61Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 62Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 113 page
background image
SPEAr320S
Pin description
Doc ID 022508 Rev 2
59/113
SSP2_CLK
SSP clock. It is used as output in
master mode as input in slave mode.
IO
PL_GPIO_15/B3
1, Extended
PL_GPIO_92/G16
Extended mode
PL_GPIO_63/C13
PL_GPIO_46/A11
PL_GPIO_34/E8
SSP2_MISO
Master input slave output
IO
PL_GPIO_13/A1
1, Extended
PL_GPIO_90/G14
Extended mode
PL_GPIO_61/E12
PL_GPIO_44/A10
PL_GPIO_32/D7
SSP2_MOSI
Master output slave input
IO
PL_GPIO_16/E6
1, Extended
PL_GPIO_47/C10
Extended mode
PL_GPIO_35/D8
PL_GPIO_16/E6
PL_GPIO_93/G17
PL_GPIO_64/D13
SSP2_SS0
SSP frame output (master mode),
input (slave mode)
IO
PL_GPIO_14/A2
1, Extended
PL_GPIO_91/G15
Extended mode
PL_GPIO_62/A15
PL_GPIO_45/B10
PL_GPIO_33/E7
Table 27.
SSP signals description (continued)
Signal name
Description
Dir.
PL_GPIO_# /Ball
Configuration mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More