Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR320S Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 44Page - STMicroelectronics SPEAR320S Datasheet HTML 45Page - STMicroelectronics SPEAR320S Datasheet HTML 46Page - STMicroelectronics SPEAR320S Datasheet HTML 47Page - STMicroelectronics SPEAR320S Datasheet HTML 48Page - STMicroelectronics SPEAR320S Datasheet HTML 49Page - STMicroelectronics SPEAR320S Datasheet HTML 50Page - STMicroelectronics SPEAR320S Datasheet HTML 51Page - STMicroelectronics SPEAR320S Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 113 page
background image
Table 16.
Table shading reference for Table 15 multiplexing scheme
Shading
Pin group
FSMC
FSMC pins: NAND Flash
EMI
EMI pins
CLCD
Color LCD controller pins
Touchscreen
Touchscreen pins
UART
UART pins
CAN
CAN pins
Ethernet MAC
MII/RMII Ethernet MAC pins
SD/SDIO/MMC
SD card controller pins
PWM generators
Pulse-width modulator timer module pins
GPT
Timer pins
IrDa
IrDa pins
SSP
SSP pins
I2C
I2C pins
SPP
Standard parallel port pins
I2S
I2S pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More