Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR320S Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 9Page - STMicroelectronics SPEAR320S Datasheet HTML 10Page - STMicroelectronics SPEAR320S Datasheet HTML 11Page - STMicroelectronics SPEAR320S Datasheet HTML 12Page - STMicroelectronics SPEAR320S Datasheet HTML 13Page - STMicroelectronics SPEAR320S Datasheet HTML 14Page - STMicroelectronics SPEAR320S Datasheet HTML 15Page - STMicroelectronics SPEAR320S Datasheet HTML 16Page - STMicroelectronics SPEAR320S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
SPEAr320S
Device functions
Doc ID 022508 Rev 2
13/113
The bootstrap requires that the external serial Flash is located at bank 0 (enabled after
power-on reset). During the boot phase, a sequence of instructions is automatically sent to
bank 0. Refer to the SPEAr320S reference manuals for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More