| Moteur de recherche de fiches techniques de composants électroniques |
|
SPEAR320S Fiches technique(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR320S Fiches technique(HTML) 55 Page - STMicroelectronics |
|
55 / 113 page ![]() SPEAr320S Pin description Doc ID 022508 Rev 2 55/113 UART4_TX UART4 transmitted serial data output O PL_GPIO_14/A2 2, Extended PL_GPIO_7/D3 PL_GPIO_40/B9 3, Extended PL_GPIO_93/G17 4, Extended PL_GPIO_72/B16 Extended mode PL_CLK3/J16 UART5 UART5_RX UART5 received serial data input I PL_GPIO_4/C1 2, Extended PL_GPIO_37/B8 3, Extended PL_GPIO_90/G14 4, Extended PL_GPIO_69/A16 Extended mode UART5_TX UART5 transmitted serial data output O PL_GPIO_5/D2 2, Extended PL_GPIO_38/A8 3, Extended PL_GPIO_91/G15 4, Extended PL_GPIO_70/C15 Extended mode UART6 UART6_RX UART6 received serial data input I PL_GPIO_2/E4 2, Extended PL_GPIO_88/F16 4, Extended UART6_TX UART6 transmitted serial data output O PL_GPIO_3/D1 2, Extended PL_GPIO_89/F17 4, Extended UART/RS485 UART_RS485_TX UART/RS485 transmitted serial data output O PL_GPIO_79/F14 Extended mode UART_RS485_RX UART/RS485 received serial data output I PL_GPIO_78/D15 Extended mode UART_RS485_OE UART/RS485 data output enable O PL_GPIO_77/B17 Extended mode Table 21. UART signals description (continued) Signal name Description Dir. PL_GPIO_# /Ball Configuration mode Table 22. CAN signals description Signal name Description Dir. PL_GPIO_# /Ball Configuration mode CAN0 CAN0_RX CAN0 receiver data input I PL_GPIO_32/D7 1, 2, 3, Extended CAN0_TX CAN0 transmitter data output O PL_GPIO_33/E7 1, 2, 3, Extended CAN1 CAN1_RX CAN1 receiver data input I PL_GPIO_30/B7 1, 2, 3, Extended CAN1_TX CAN1 transmitter data output O PL_GPIO_31/C7 1, 2, 3, Extended |