Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR320S Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 32Page - STMicroelectronics SPEAR320S Datasheet HTML 33Page - STMicroelectronics SPEAR320S Datasheet HTML 34Page - STMicroelectronics SPEAR320S Datasheet HTML 35Page - STMicroelectronics SPEAR320S Datasheet HTML 36Page - STMicroelectronics SPEAR320S Datasheet HTML 37Page - STMicroelectronics SPEAR320S Datasheet HTML 38Page - STMicroelectronics SPEAR320S Datasheet HTML 39Page - STMicroelectronics SPEAR320S Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 113 page
background image
Pin description
SPEAr320S
36/113
Doc ID 022508 Rev 2
DDR_MEM_DQ_0
Data lines
(lower byte)
IO
SSTL_2/ SSTL_18
P11
DDR_MEM_DQ_1
R11
DDR_MEM_DQ_2
T11
DDR_MEM_DQ_3
U11
DDR_MEM_DQ_4
T12
DDR_MEM_DQ_5
R12
DDR_MEM_DQ_6
P12
DDR_MEM_DQ_7
P13
DDR_MEM_DQS_0
Lower data strobe
O
Differential SSTL_2/
SSTL_18
U10
nDDR_MEM_DQS_0
T10
DDR_MEM_DM_0
Lower data mask
O
SSTL_2/ SSTL_18
U12
DDR_MEM_GATE_OPEN_0
Lower gate open
IO
R10
DDR_MEM_DQ_8
Data lines
(upper byte)
IO
T17
DDR_MEM_DQ_9
T16
DDR_MEM_DQ_10
U17
DDR_MEM_DQ_11
U16
DDR_MEM_DQ_12
U14
DDR_MEM_DQ_13
U13
DDR_MEM_DQ_14
T13
DDR_MEM_DQ_15
R13
DDR_MEM_DQS_1
Upper data strobe
IO
Differential SSTL_2/
SSTL_18
U15
nDDR_MEM_DQS_1
T15
DDR_MEM_DM_1
Upper data mask
IO
SSTL_2/ SSTL_18
T14
DDR_MEM_GATE_OPEN_1
Upper gate open
R14
DDR_MEM_VREF
Reference voltage
I
Analog
P10
DDR_MEM_COMP2V5_GNDBGCOMP
Return for external
resistors
Power Power
R4
DDR_MEM_COMP2V5_REXT
External resistor
Power Analog
P4
DDR2_EN
Configuration
I
TTL Input Buffer 3.3 V
Tolerant, PU
J13
Table 12.
DDR pins description (continued)
Signal name
Description
Dir.
Pin type
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More