| Moteur de recherche de fiches techniques de composants électroniques |
|
SPEAR320S Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR320S Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 113 page ![]() PL_GPIO_29/A7 PWM2 basGPIO1 Functional mode IPU GPIO_29 UART1_TX UART1_TX UART1_TX UART1_TX PL_GPIO_28/A6 PWM3 basGPIO0 IPU GPIO_28 UART1_RX UART1_RX UART1_RX UART1_RX PL_GPIO_27/B6 RMII0_TXD0 MII0_TXCLK IPU GPIO_27 Reserved 0 Reserved Reserved PL_GPIO_26/A5 RMII0_RXD0 MII0_TXD0 OL GPIO_26 Reserved 0 Reserved Reserved PL_GPIO_25/C6 RMII1_TXD0 MII0_TXD1 OL GPIO_25 Reserved 00 Reserved PL_GPIO_24/B5 RMII1_RXD0 MII0_TXD2 OL GPIO_24 Reserved 00 Reserved PL_GPIO_23/A4 RMII1_TX_EN MII0_TXD3 OL GPIO_23 Reserved 0 Reserved Reserved PL_GPIO_22/D6 RMII_REF_CLK MII0_TXEN OL GPIO_22 Reserved 0 Reserved Reserved PL_GPIO_21/C5 RMII1_TXD1 MII0_TXER OL GPIO_21 Reserved 0 Reserved Reserved PL_GPIO_20/B4 RMII1_RXD1 MII0_RXCLK IPU GPIO_20 SSP1_MOSI I2C2_SDA 0 SSP1_MOSI PL_GPIO_19/A3 RMII1_CRS_DV MII0_RXDV IPU GPIO_19 SSP1_CLK I2C2_SCL 0 SSP1_CLK PL_GPIO_18/D5 RMII1_RX_ER MII0_RXER IPU GPIO_18 SSP1_SS0 0 0 SSP1_SS0 PL_GPIO_17/C4 RMII0_TXD1 MII0_RXD0 IPU GPIO_17 SSP1_MISO 0 0 SSP1_MISO PL_GPIO_16/E6 RMII0_TX_EN MII0_RXD1 IPU GPIO_16 SSP2_MOSI UART3_TX 0 0 PL_GPIO_15/B3 RMII0_RXD1 MII0_RXD2 IPU GPIO_15 SSP2_CLK UART3_RX PWM0 PWM0 PL_GPIO_14/A2 RMII0_CRS_DV MII0_RXD3 IPU GPIO_14 SSP2_SS0 UART4_TX PWM1 PWM1 PL_GPIO_13/A1 RMII0_RX_ER MII0_COL IPU GPIO_13 SSP2_MISO UART4_RX PWM2 PWM2 PL_GPIO_12/D4 SD_CD MII0_CRS IPU GPIO_12 PWM3 0 PWM3 PWM3 PL_GPIO_11/E5 RMII_MDC MII0_MDC OL GPIO_11 Reserved 0 Reserved Reserved PL_GPIO_10/C3 RMII_MDIO MII0_MDIO IPD GPIO_10 Reserved 0 Reserved Reserved PL_GPIO_9/B2 I2C1_SDA SSP0_MOSI IPU GPIO_9 0 UART3_TX PWM0 0 PL_GPIO_8/C2 I2C1_SCL SSP0_CLK OL GPIO_8 0 UART3_RX PWM1 0 PL_GPIO_7/D3 UART1_CTS SSP0_SS0 OH GPIO_7 0 UART4_TX PWM2 0 PL_GPIO_6/B1 UART1_DTR SSP0_MISO IPU GPIO_6 0 UART4_RX PWM3 0 Table 15. PL_GPIO/PL_CLK multiplexing scheme and reset states (continued) PL_GPIO_# / ball number Extended mode primary function (SW defined) Alternate function (SW defined) Full debug mode Legacy configuration mode (SW defined) Mode 1 (Default configuration after reset) Mode 2 Mode 3 Mode 4 |